Part Number Hot Search : 
NTE71 00850 CY7C2 IRG4BC30 00850 AC105 NDB7112E VPX3220A
Product Description
Full Text Search
 

To Download PT928-6C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet 1.5mm Side Looking Phototransistor
PT928-6C
Features
Fast response time High sensitivity Small junction capacitance Pb free
Descriptions
PT928-6C is a phototransistor in miniature package which is molded in a water clear plastic with spherical top view lens. The device is spectrally matched to infrared emitting diode.
Applications
Optoelectronic switch VCRVideo Camera Floppy disk drive Infrared applied system
Device Selection Guide
LED Part No. PT Chip Material Silicon Lens Color Water Clear
Device No:DPT-092-082 Everlight Electronics Co., Ltd. http:\\www.everlight.com Rev 1.2 Page: 1 of 6
PT928-6C
Package Dimensions
Notes: 1.All dimensions are in millimeters 2.Tolerances unless dimensions 0.1mm
Device No:DPT-092-082
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.2
Page: 2 of 6
PT928-6C
Absolute Maximum Ratings (Ta=25)
Parameter Collector-Emitter Voltage Emitter-Collector-Voltage Collector Current Operating Temperature Storage Temperature Lead Soldering Temperature Power Dissipation at (or below) 25 Free Air Temperature Symbol VCEO VECO IC Topr Tstg Tsol Pc Rating 30 5 20 -25 ~ +85 -40 ~ +85 260 75 Units V V mA mW
Notes: *1:Soldering time5 seconds.
Electro-Optical Characteristics (Ta=25)
Parameter Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Wavelength of Peak Sensitivity Rang of Spectral Bandwidth Symbol VCE)(sat) tr tf ICEO IC(on) p 0.5 Condition IC=2mA Ee=1mW/cm2 Min. --Typ. --15 15 --Max. Units 0.4 ----100 3.48 860 ----1200 nA mA nm nm V S
VCE=5V --IC=1mA --RL=1000 2 Ee=0mW/cm --VCE=20V Ee=0.555mW/cm2 0.52 VCE=5V ------400
Device No:DPT-092-082 Everlight Electronics Co., Ltd. http:\\www.everlight.com Rev 1.2 Page: 3 of 6
PT928-6C
Typical Electro-Optical Characteristics Curves
Device No:DPT-092-082
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.2
Page: 4 of 6
PT928-6C Test method
Ranks
Color code Black Black Black Black Black Parameter 7-3 7-2 7-1 6-2 6-1 Symbol Min 0.52 0.87 Max 1.22 1.74 2.26 3.04 3.48 VCE=5V Ee=0.555mW/cm2 Unit Test condition
IC(ON)
1.22 1.56 1.74
mA
Device No:DPT-092-082
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.2
Page: 5 of 6
PT928-6C
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level90% LTPD10% NO. Item Test Conditions Test Hours/ Cycles Failure Sample Judgement Sizes Criteria 22pcs Ac/Re
1
Solder Heat
TEMP:2605 H : +85 30mins 5mins 30mins 5mins 10secs 5mins
10sec
2
Temperature Cycle L : -55 H :+100
50Cycle
More than 90% of lead to be covered 22pcs by soldering IRUx2 22pcs EeLx0.8 VFUx1.2
0/1
0/1
3
Thermal Shock L :-10 High Temperature Storage Low Temperature Storage
50Cycle
0/1
4
TEMP.+100
1000hrs
22pcs
UUpper
0/1
5
TEMP.-55
1000hrs
Specification 22pcs Limit LLower 22pcs Specification Limit 22pcs
0/1
6
DC Operating Life VCE=5V High Temperature/ 85 / 85% R.H High Humidity
1000hrs
0/1
7
1000hrs
0/1
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http:\\www.everlight.com
Device No:DPT-092-082
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.2
Page: 6 of 6


▲Up To Search▲   

 
Price & Availability of PT928-6C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X